| Moteur de recherche de fiches techniques de composants électroniques |
|
AD830JR Fiches technique(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD830JR Fiches technique(HTML) 6 Page - Analog Devices |
|
6 / 20 page ![]() AD830 Rev. C | Page 6 of 20 AD830J/AD830A AD830S1 Parameter Conditions Min Typ Max Min Typ Max Units POWER SUPPLIES Operating Range ±4 ±16.5 ±4 ±16.5 V Quiescent Current TMIN − TMAX 13.5 16 13.5 16 mA +PSRR (to VP) DC, G = +1, offset 86 86 dB −PSRR (to VN) DC, G = +1, Offset 68 68 dB PSRR (Dual Supply) DC, G = +1, ±5 to ±15 VS 66 71 66 71 dB PSRR (Dual Supply) DC, G = +1, ±5 to ±15 VS TMIN − TMAX 62 68 60 68 dB 1 See Standard Military Drawing 5962-9313001MPA for specifications. 2 Clipping level function on X channel only. |