Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1413 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC1413
Description  3A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Fiches technique(HTML) 2 Page - Microchip Technology

  TC1413_13 Datasheet HTML 1Page - Microchip Technology TC1413_13 Datasheet HTML 2Page - Microchip Technology TC1413_13 Datasheet HTML 3Page - Microchip Technology TC1413_13 Datasheet HTML 4Page - Microchip Technology TC1413_13 Datasheet HTML 5Page - Microchip Technology TC1413_13 Datasheet HTML 6Page - Microchip Technology TC1413_13 Datasheet HTML 7Page - Microchip Technology TC1413_13 Datasheet HTML 8Page - Microchip Technology TC1413_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC1413/TC1413N
DS21392D-page 2
 2001-2012 Microchip Technology Inc.
Functional Block Diagram
Effective
Input C = 10 pF
TC1413N
Output
Input
GND
VDD
300 mV
4.7V
Inverting
Non-Inverting
Outputs
Outputs
TC1413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18