Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1046 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce TC1046
Description  High Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1046 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button TC1046_13 Datasheet HTML 3Page - Microchip Technology TC1046_13 Datasheet HTML 4Page - Microchip Technology TC1046_13 Datasheet HTML 5Page - Microchip Technology TC1046_13 Datasheet HTML 6Page - Microchip Technology TC1046_13 Datasheet HTML 7Page - Microchip Technology TC1046_13 Datasheet HTML 8Page - Microchip Technology TC1046_13 Datasheet HTML 9Page - Microchip Technology TC1046_13 Datasheet HTML 10Page - Microchip Technology TC1046_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 2001-2012 Microchip Technology Inc
DS21496C-page 7
TC1046
5.3
Package Dimensions
.021 (0.54)
.015 (0.37)
.055 (1.40)
.047 (1.20)
.104 (2.64)
.083 (2.10)
.120 (3.05)
.105 (2.67)
.007 (0.18)
.003 (0.08)
.010 (0.25)
.005 (0.13)
.024 (0.60)
.017 (0.44)
.004 (0.10)
.001 (0.02)
.040 (1.02)
.031 (0.79)
.081 (2.05)
.070 (1.78)
8
° MAX.
3-Pin SOT-23B
Dimensions: inches (mm)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12