| Moteur de recherche de fiches techniques de composants électroniques |
|
TC682EPA Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC682EPA Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 14 page ![]() 2002-2012 Microchip Technology Inc. DS21453D-page 9 TC682 6.3 Package Dimensions 3° Min. Pin 1 .260 (6.60) .240 (6.10) .045 (1.14) .030 (0.76) .070 (1.78) .040 (1.02) .400 (10.16) .348 (8.84) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92) .110 (2.79) .090 (2.29) .022 (0.56) .015 (0.38) .040 (1.02) .020 (0.51) .015 (0.38) .008 (0.20) .310 (7.87) .290 (7.37) .400 (10.16) .310 (7.87) 8-Pin Plastic DIP Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging .050 (1.27) Typ. 8 ° Max. Pin 1 .244 (6.20) .228 (5.79) .157 (3.99) .150 (3.81) .197 (5.00) .189 (4.80) .020 (0.51) .013 (0.33) .010 (0.25) .004 (0.10) .069 (1.75) .053 (1.35) .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) 8-Pin SOIC Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |