| Moteur de recherche de fiches techniques de composants électroniques |
|
TC665 Fiches technique(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC665 Fiches technique(HTML) 28 Page - Microchip Technology |
|
28 / 36 page ![]() TC664/TC665 DS21737B-page 28 2002-2013 Microchip Technology Inc. 8.0 PACKAGING INFORMATION 8.1 Package Marking Information 10-Pin MSOP Device 1 2 3 4 5 6 7 8 9 10 TC664E YWWNNN TC665E Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |