| Moteur de recherche de fiches techniques de composants électroniques |
|
TC77 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC77 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 22 page ![]() 2002-2012 Microchip Technology Inc. DS20092B-page 13 TC77 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard marking consists of Microchip part number, year code, week code, and traceability code. Please check with your Microchip Sales Office. 5-Lead SOT-23 Example: XXNN CP57 TC77-3.3MCTTR = CN TC77-5.0MCTTR = CP 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN TC77 -33 I/SN0222 057 |