| Moteur de recherche de fiches techniques de composants électroniques |
|
TPDV825 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TPDV825 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Characteristics TPDVxx25 2/7 Doc ID 18268 Rev 2 1 Characteristics Table 2. Absolute maximum ratings (limiting values) Symbol Parameter Value Unit IT(RMS) On-state rms current (180° conduction angle) Tc = 85 °C 25 A ITSM Non repetitive surge peak on-state current tp = 2.5 ms Tj = 25 °C 390 A tp = 8.3 ms 250 tp = 10 ms 230 I2tI2t value for fusing tp = 10 ms Tj = 25 °C 265 A2S dI/dt Critical rate of rise of on-state current IG = 500 mA, dIG/dt = 1 A/µs F = 50 Hz 100 A/µs VDRM VRRM Repetitive peak off-state voltage TPDV825 Tj = 125 °C 800 V TPDV1025 1000 TPDV1225 1200 Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C VINS(RMS) (1) Insulation rms voltage 2500 V 1. A1, A2, gate terminals to case for 1 minute Table 3. Electrical Characteristics (Tj = 25 °C, unless otherwise specified) Symbol Test conditions Quadrant Value Unit IGT VD = 12 V DC, RL = 33 Ω I - II - III MAX. 150 mA VGT MAX. 1.5 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125 °C I - II - III MIN. 0.2 V tgt VD = VDRM IG = 500 mA dIG/dt = 3 A/µs I - II - III TYP. 2.5 µs IH (1) IT = 500 mA Gate open TYP. 50 mA IL IG = 1.2 x IGT I - III TYP. 100 mA II 200 dV/dt Linear slope up to: VD = 67% VDRM Gate open Tj = 125 °C MIN. 2000 V/µs VTM (1) ITM = 35 A tp = 380 µs MAX. 1.8 V Vto (1) Threshold voltage Tj = 125 °C MAX. 1.1 V Rd (1) Dynamic resistance Tj = 125 °C MAX. 19 m Ω IDRM IRRM VDRM = VRRM Tj = 25 °C MAX. 20 µA Tj = 125 °C 8 mA (dI/dt)c (1) (dV/dt)c = 200 V/µs Tj = 125 °C MIN. 20 A/ms (dV/dt)c = 10 V/µs 88 1. For either polarity of electrode A2 voltage with reference to electrode A1. |