| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2140 Fiches technique(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2140 Fiches technique(HTML) 52 Page - Microchip Technology |
|
52 / 58 page ![]() MCP2140 DS21790B-page 52 Preliminary 2003-2012 Microchip Technology Inc. FIGURE C-1: HIGH LEVEL IRCOMM CONNECTION SEQUENCE Normal Disconnect Mode (NDM) Send XID Commands (timeslots n, n+1, ...) No Response XID Response in timeslot y, Finish sending XIDs (max timeslots - y frames) Broadcast ID No Response to these XIDs claiming this timeslot, (MCP2140 No Response to Broadcast ID Primary Device (MCP2140) Discovery Normal Response Mode (NRM) Send SNRM Command (w/ parameters and connection address) Open channel for IAS Queries Send IAS Queries Open channel for data Send Data or Status Shutdown link UA response with parameters using connect address Confirm channel open for IAS Provide IAS responses Confirm channel open for data Send Data or Status Confirm shutdown (back to NDM state) (approximately 70ms between XID commands) Send Data or Status Send Data or Status (MCP2140 DSR pin driven low) Secondary Device always claims timeslot 0) |