| Moteur de recherche de fiches techniques de composants électroniques |
|
TC913B Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC913B Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 14 page ![]() TC913A/TC913B DS21482D-page 8 2001-2012 Microchip Technology Inc. 5.3 Package Dimensions .050 (1.27) Typ. 8 ° Max. Pin 1 .244 (6.20) .228 (5.79) .157 (3.99) .150 (3.81) .197 (5.00) .189 (4.80) .020 (0.51) .013 (0.33) .010 (0.25) .004 (0.10) .069 (1.75) .053 (1.35) .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) 8-Pin SOIC Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging 3° Min. Pin1 .260 (6.60) .240 (6.10) .045 (1.14) .030 (0.76) .070 (1.78) .040 (1.02) .400 (10.16) .348 (8.84) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92) .110 (2.79) .090 (2.29) .022 (0.56) .015 (0.38) .040 (1.02) .020 (0.51) .015 (0.38) .008 (0.20) .310 (7.87) .290 (7.37) .400 (10.16) .310 (7.87) 8-Pin Plastic DIP Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |