Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FV32KA302 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce PIC24FV32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button PIC24FV32KA302 Datasheet HTML 17Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 18Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 19Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 20Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 21Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 22Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 23Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 24Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 364 page
background image
RC0
—
—
—
25
27
—
—
—
25
27
I/O
ST
PORTC Pins
RC1
—
—
—
26
28
—
—
—
26
28
I/O
ST
RC2
—
—
—
27
29
—
—
—
27
29
I/O
ST
RC3
—
—
—
36
39
—
—
—
36
39
I/O
ST
RC4
—
—
—
37
40
—
—
—
37
40
I/O
ST
RC5
—
—
—
38
41
—
—
—
38
41
I/O
ST
RC6
—
—
—
2
2
—
—
—
2
2
I/O
ST
RC7
—
—
—
3
3
—
—
—
3
3
I/O
ST
RC8
—
—
—
4
4
—
—
—
4
4
I/O
ST
RC9
—
—
—
5
5
—
—
—
5
5
I/O
ST
REFO
18
26
23
15
16
18
26
23
15
16
O
—
Reference Clock Output
RTCC
17
25
22
14
15
17
25
22
14
15
O
—
Real-Time Clock/Calendar Output
SCK1
15
22
19
9
10
15
22
19
9
10
I/O
ST
SPI1 Serial Input/Output Clock
SCK2
2
14
11
38
41
2
14
11
38
41
I/O
ST
SPI2 Serial Input/Output Clock
SCL1
12
17
14
44
48
12
17
14
44
48
I/O
I2C
I2C1 Clock Input/Output
SCL2
18
7
4
24
26
18
7
4
24
26
I/O
I2C
I2C2 Clock Input/Output
SCLKI
10
12
9
34
37
10
12
9
34
37
I
ST
Digital Secondary Clock Input
SDA1
13
18
15
1
1
13
18
15
1
1
I/O
I2C
I2C1 Data Input/Output
SDA2
6
6
3
23
25
6
6
3
23
25
I/O
I2C
I2C2 Data Input/Output
SDI1
17
21
18
8
9
17
21
18
8
9
I
ST
SPI1 Serial Data Input
SDI2
4
19
16
36
39
4
19
16
36
39
I
ST
SPI2 Serial Data Input
SDO1
16
24
21
11
12
16
24
21
11
12
O
—
SPI1 Serial Data Output
SDO2
3
15123740
3
151237
40
O
—
SPI2 Serial Data Output
SOSCI
9
11
8
33
36
9
11
8
33
36
I
ANA
Secondary Oscillator Input
SOSCO
10
12
9
34
37
10
12
9
34
37
O
ANA
Secondary Oscillator Output
SS1
18
26
23
15
16
18
26
23
15
16
O
—
SPI1 Slave Select
SS2
15
23
20
35
38
15
23
20
35
38
O
—
SPI2 Slave Select
TABLE 1-3:
PIC24FV32KA304 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
FFV
I/O
Buffer
Description
Pin Number
Pin Number
20-Pin
PDIP/
SSOP/
SOIC
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/
TQFP
48-Pin
UQFN
20-Pin
PDIP/
SSOP/
SOIC
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/
TQFP
48-Pin
UQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More