| Moteur de recherche de fiches techniques de composants électroniques |
|
LCMXO2-1200ZE-2TG100C Fiches technique(PDF) 55 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LCMXO2-1200ZE-2TG100C Fiches technique(HTML) 55 Page - Lattice Semiconductor |
|
55 / 106 page ![]() 3-16 DC and Switching Characteristics MachXO2 Family Data Sheet Maximum sysIO Buffer Performance I/O Standard Max. Speed Units LVDS25 400 MHz LVDS25E 150 MHz RSDS25 150 MHz RSDS25E 150 MHz BLVDS25 150 MHz BLVDS25E 150 MHz MLVDS25 150 MHz MLVDS25E 150 MHz LVPECL33 150 MHz LVPECL33E 150 MHz SSTL25_I 150 MHz SSTL25_II 150 MHz SSTL25D_I 150 MHz SSTL25D_II 150 MHz SSTL18_I 150 MHz SSTL18_II 150 MHz SSTL18D_I 150 MHz SSTL18D_II 150 MHz HSTL18_I 150 MHz HSTL18_II 150 MHz HSTL18D_I 150 MHz HSTL18D_II 150 MHz PCI33 134 MHz LVTTL33 150 MHz LVTTL33D 150 MHz LVCMOS33 150 MHz LVCMOS33D 150 MHz LVCMOS25 150 MHz LVCMOS25D 150 MHz LVCMOS25R33 150 MHz LVCMOS18 150 MHz LVCMOS18D 150 MHz LVCMOS18R33 150 MHz LVCMOS18R25 150 MHz LVCMOS15 150 MHz LVCMOS15D 150 MHz LVCMOS15R33 150 MHz LVCMOS15R25 150 MHz LVCMOS12 91 MHz LVCMOS12D 91 MHz |