Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCMXO2-256ZE-2UMG64C Fiches technique(PDF) 46 Page - Lattice Semiconductor

No de pièce LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Fiches technique(HTML) 46 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 42Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 43Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 44Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 45Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 46Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 47Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 48Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 49Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 50Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
3-7
DC and Switching Characteristics
MachXO2 Family Data Sheet
sysIO Recommended Operating Conditions
Standard
VCCIO (V)
VREF (V)
Min.
Typ.
Max.
Min.
Typ.
Max.
LVCMOS 3.3
3.135
3.3
3.465
—
—
—
LVCMOS 2.5
2.375
2.5
2.625
—
—
—
LVCMOS 1.8
1.71
1.8
1.89
—
—
—
LVCMOS 1.5
1.425
1.5
1.575
—
—
—
LVCMOS 1.2
1.14
1.2
1.26
—
—
—
LVTTL
3.135
3.3
3.465
—
—
—
PCI
3
3.135
3.3
3.465
—
—
—
SSTL25
2.375
2.5
2.625
1.15
1.25
1.35
SSTL18
1.71
1.8
1.89
0.833
0.9
0.969
HSTL18
1.71
1.8
1.89
0.816
0.9
1.08
LVDS25
1, 2
2.375
2.5
2.625
—
—
—
LVDS33
1, 2
3.135
3.3
3.465
—
—
—
LVPECL
1
3.135
3.3
3.465
—
—
—
BLVDS
1
2.375
2.5
2.625
—
—
—
RSDS
1
2.375
2.5
2.625
—
—
—
SSTL18D
1.71
1.8
1.89
—
—
—
SSTL25D
2.375
2.5
2.625
—
—
—
HSTL18D
1.71
1.8
1.89
—
—
—
1. Inputs on-chip. Outputs are implemented with the addition of external resistors.
2. MachXO2-640U, MachXO2-1200/U and larger devices have dedicated LVDS buffers
3. Input on the bottom bank of the MachXO2-640U, MachXO2-1200/U and larger devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More