| Moteur de recherche de fiches techniques de composants électroniques |
|
SM01 Fiches technique(PDF) 11 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
SM01 Fiches technique(HTML) 11 Page - AVX Corporation |
|
11 / 18 page ![]() 18 SMPS Stacked MLC Capacitors (SM Style) SM Military Styles MIL-PRF-49470 MIL-PRF-49470 AVX PART NUMBER Capacitance Case Lead PIN 1/ (for reference only) μF Tolerance Characteristic Code Configuration 2/ -49470Q0-394-E- SM-57C394-H-360 0.39 K, M BQ 5 N, L, M, J, K -49470Q0-474-E- SM-57C474-H-360 0.47 K, M BQ 5 N, L, M, J, K -49470Q0-564-E- SM-57C564-H-480 0.56 K, M BQ 5 N, L, M, J, K -49470Q0-564-E- SM-47C564-H-240 0.56 K, M BQ 4 A, B, D, C, F -49470Q0-684-E- SM-57C684-H-650 0.68 K, M BQ 5 N, L, M, J, K -49470Q0-684-E- SM-47C684-H-240 0.68 K, M BQ 4 A, B, D, C, F -49470Q0-824-E- SM-47C824-H-360 0.82 K, M BQ 4 N, L, M, J, K -49470Q0-105-E- SM-47C105-H-360 1 K, M BQ 4 N, L, M, J, K -49470Q0-125-E- SM-47C125-H-360 1.2 K, M BQ 4 N, L, M, J, K -49470Q0-155-E- SM-47C155-H-480 1.5 K, M BQ 4 N, L, M, J, K -49470Q0-185-E- SM-47C185-H-650 1.8 K, M BQ 4 N, L, M, J, K -49470Q0-185-E- SM-37C185-H-240 1.8 K, M BQ 3 A, B, D, C, F -49470Q0-225-E- SM-37C225-H-240 2.2 K, M BQ 3 N, L, M, J, K -49470Q0-275-E- SM-37C275-H-360 2.7 K, M BQ 3 N, L, M, J, K -49470Q0-335-E- SM-37C335-H-360 3.3 K, M BQ 3 N, L, M, J, K -49470Q0-395-E- SM-37C395-H-360 3.9 K, M BQ 3 N, L, M, J, K -49470Q0-475-E- SM-37C475-H-480 4.7 K, M BQ 3 N, L, M, J, K -49470Q0-565-E- SM-37C565-H-650 5.6 K, M BQ 3 N, L, M, J, K -49470Q0-565-E- SM-27C565-H-240 5.6 K, M BQ 2 A, B, D, C, F -49470Q0-685-E- SM-17C685-H-480 6.8 K, M BQ 1 N, L, M, J, K -49470Q0-685-E- SM-27C685-H-240 6.8 K, M BQ 2 A, B, D, C, F -49470Q0-825-E- SM-17C825-H-480 8.2 K, M BQ 1 N, L, M, J, K -49470Q0-825-E- SM-27C825-H-360 8.2 K, M BQ 2 A, B, D, C, F -49470Q0-106-E- SM-17C106-H-480 10 K, M BQ 1 N, L, M, J, K -49470Q0-106-E- SM-27C106-H-360 10 K, M BQ 2 A, B, D, C, F -49470Q0-126-E- SM-17C126-H-650 12 K, M BQ 1 N, L, M, J, K -49470Q0-126-E- SM-27C126-H-480 12 K, M BQ 2 A, B, D, C, F -49470Q0-156-E- SM-27C156-H-650 15 K, M BQ 2 N, L, M, J, K -49470Q0-186-E- SM-27C186-H-650 18 K, M BQ 2 N, L, M, J, K -49470Q0-226-E- SM-67C226-H-360 22 K, M BQ 6 N, L, M, J, K -49470Q0-276-E- SM-67C276-H-360 27 K, M BQ 6 N, L, M, J, K -49470Q0-336-E- SM-67C336-H-480 33 K, M BQ 6 N, L, M, J, K -49470Q0-396-E- SM-67C396-H-650 39 K, M BQ 6 N, L, M, J, K -49470P0-103-E- SM-57A103-H-120 0.01 J, K BP 5 N, L, M, J, K -49470P0-123-E- SM-57A123-H-240 0.012 J, K BP 5 N, L, M, J, K -49470P0-153-E- SM-57A153-H-240 0.015 J, K BP 5 N, L, M, J, K -49470P0-183-E- SM-57A183-H-240 0.018 J, K BP 5 N, L, M, J, K -49470P0-223-E- SM-57A223-H-360 0.022 J, K BP 5 N, L, M, J, K -49470P0-273-E- SM-57A273-H-360 0.027 J, K BP 5 N, L, M, J, K -49470P0-333-E- SM-57A333-H-480 0.033 J, K BP 5 N, L, M, J, K -49470P0-333-E- SM-57A333-H-240 0.033 J, K BP 4 A, B, C, D, F -49470P0-393-E- SM-47A393-H-480 0.039 J, K BP 5 N, L, M, J, K -49470P0-393-E- SM-57A393-H-240 0.039 J, K BP 4 A, B, C, D, F -49470P0-473-E- SM-47A473-H-650 0.047 J, K BP 5 N, L, M, J, K -49470P0-473-E- SM-47A473-H-360 0.047 J, K BP 4 A, B, C, D, F -49470P0-563-E- SM-47A563-H-360 0.056 J, K BP 4 N, L, M, J, K -49470P0-683-E- SM-47A683-H-360 0.068 J, K BP 4 N, L, M, J, K -49470P0-823-E- SM-47A823-H-480 0.082 J, K BP 4 N, L, M, J, K -49470P0-104-E- SM-47A104-H-480 0.1 J, K BP 4 N, L, M, J, K -49470P0-124-E- SM-37A124-H-650 0.12 J, K BP 4 N, L, M, J, K -49470P0-124-E- SM-37A124-H-240 0.12 J, K BP 3 A, B, C, D, F -49470P0-154-E- SM-37A154-H-240 0.15 J, K BP 3 N, L, M, J, K -49470P0-184-E- SM-37A184-H-240 0.18 J, K BP 3 N, L, M, J, K -49470P0-224-E- SM-37A224-H-360 0.22 J, K BP 3 N, L, M, J, K -49470P0-274-E- SM-37A274-H-360 0.27 J, K BP 3 N, L, M, J, K -49470P0-334-E- SM-37A334-H-480 0.33 J, K BP 3 N, L, M, J, K -49470P0-394-E- SM-27A394-H-650 0.39 J, K BP 3 N, L, M, J, K 1/ Complete PIN shall include additional symbols replacing dashes (from left to right): product level (M for B level, or T for T level), part style (1 for unencapsulated, 2 for encapsulated), capacitance tolerance, lead configuration 2/ Complete AVX Part Number (provided for reference only) shall include additional symbols replacing dashes (from left to right): part style (0 for unencapsulated and 9 for encapsulated), capacitance tolerance, lead configuration |