Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTS2916A Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce MTS2916A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS2916A Fiches technique(HTML) 5 Page - Microchip Technology

  MTS2916A Datasheet HTML 1Page - Microchip Technology MTS2916A Datasheet HTML 2Page - Microchip Technology MTS2916A Datasheet HTML 3Page - Microchip Technology MTS2916A Datasheet HTML 4Page - Microchip Technology MTS2916A Datasheet HTML 5Page - Microchip Technology MTS2916A Datasheet HTML 6Page - Microchip Technology MTS2916A Datasheet HTML 7Page - Microchip Technology MTS2916A Datasheet HTML 8Page - Microchip Technology MTS2916A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2010-2013 Microchip Technology Inc.
DS22259C-page 5
MTS2916A
TEMPERATURE SPECIFICATIONS
Parameters
Sym
Min
Typ
Max
Units
Conditions
Recommended Temperature Ranges
Junction Temperature Range
TJ
-40
+125
°C
Operating Temperature Range
TA
-40
+105
°C
Thermal Package Resistance
Thermal Resistance, SOP-24
JA
—
76
—
°C/W
EIA/JEDEC JESD51-10
—16
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20