Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTS62C19A Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MTS62C19A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS62C19A Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MTS62C19A Datasheet HTML 12Page - Microchip Technology MTS62C19A Datasheet HTML 13Page - Microchip Technology MTS62C19A Datasheet HTML 14Page - Microchip Technology MTS62C19A Datasheet HTML 15Page - Microchip Technology MTS62C19A Datasheet HTML 16Page - Microchip Technology MTS62C19A Datasheet HTML 17Page - Microchip Technology MTS62C19A Datasheet HTML 18Page - Microchip Technology MTS62C19A Datasheet HTML 19Page - Microchip Technology MTS62C19A Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2010-2013 Microchip Technology Inc.
DS22260C-page 17
MTS62C19A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MTS62C19A: Dual Full-Bridge Motor Driver
Packing Type:
H=
Tube
L
=
Tape and Reel
Package:
S*
=
24-Lead Plastic Small Outline (SOP)
* These devices are formerly products of Advanced Silicon
PART NO.
-X
XXX
Fixed
Tube/Tape
and Reel
Device
X
Package
Examples:
a)
MTS62C19A-HS105
Tube,
24LD SOP Package
b)
MTS62C19A-LS105
Tape and Reel,
24LD SOP Package
Characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20