Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VR30S Fiches technique(PDF) 5 Page - AVX Corporation

No de pièce VR30S
Description  ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

VR30S Fiches technique(HTML) 5 Page - AVX Corporation

  VR30S Datasheet HTML 1Page - AVX Corporation VR30S Datasheet HTML 2Page - AVX Corporation VR30S Datasheet HTML 3Page - AVX Corporation VR30S Datasheet HTML 4Page - AVX Corporation VR30S Datasheet HTML 5Page - AVX Corporation VR30S Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
60
SMPS Capacitors
ESCC DETAIL SPECIFICATION NO. 3001/030
PHYSICAL DIMENSIONS – BR STYLE
Millimeters (Inches)
ESCC DETAIL SPECIFICATION NO. 3001/030
PHYSICAL DIMENSIONS – CV STYLE
Millimeters (Inches)
B
H
L
E
J
Ød
F
Variant
Case
B
Ød
E
F
H
J
L
Size
Max.
Min.
Max.
Min.
Max.
Max.
Max.
Max.
Min.
01
BR40
10.16
0.46
0.56
4.58
5.58
5.00
11.7
1.50
31.7
(0.400)
(0.018)
(0.022)
(0.180)
(0.220)
(0.197)
(0.461)
(0.059)
(1.248)
02
BR50
12.7
0.59
0.69
9.66
10.66
5.10
14.2
1.50
31.7
(0.500)
(0.023)
(0.027)
(0.380)
(0.420)
(0.201)
(0.559)
(0.059)
(1.248)
03
BR66
17.5
0.86
0.96
14.2
15.2
6.40
16.5
1.50
31.7
(0.689)
(0.034)
(0.038)
(0.559)
(0.598)
(0.252)
(0.650)
(0.059)
(1.248)
04
BR72
19.3
0.86
0.96
14.74
15.74
6.40
24.0
1.50
31.7
(0.760)
(0.034)
(0.038)
(0.580)
(0.620)
(0.252)
(0.945)
(0.059)
(1.248)
05
BR84
23.62
0.71
0.81
18.93
20.83
6.40
19.78
1.50
31.7
(0.930)
(0.028)
(0.032)
(0.745)
(0.820)
(0.252)
(0.779)
(0.059)
(1.248)
Variant
Case
B
Ød
E
F
H
L
Size
Max.
Min.
Max.
Min.
Max.
Max.
Max.
Min.
Max.
06
CV41
10.6
0.65
0.75
7.70
8.70
3.80
8.70
22.0
28.0
(0.417)
(0.026)
(0.030)
(0.303)
(0.343)
(0.150)
(0.343)
(0.866)
(1.102)
15
CV51
11.9
0.85
0.95
9.66
10.66
3.80
10.7
22.0
28.0
(0.469)
(0.033)
(0.037)
(0.380)
(0.420)
(0.150)
(0.421)
(0.866)
(1.102)
24
CV61
16.5
0.85
0.95
14.74
15.74
3.80
13.6
22.0
28.0
(0.650)
(0.033)
(0.037)
(0.580)
(0.620)
(0.150)
(0.535)
(0.866)
(1.102)
33
CV71
17.8
0.85
0.95
14.74
15.74
3.80
21.6
22.0
28.0
(0.701)
(0.033)
(0.037)
(0.580)
(0.620)
(0.150)
(0.850)
(0.866)
(1.102)
42
CV76
22.7
0.85
0.95
20.4
22.0
3.80
16.6
22.0
28.0
(0.894)
(0.033)
(0.037)
(0.803)
(0.866)
(0.150)
(0.654)
(0.866)
(1.102)
F
BØd
H
LL
E



Html Pages

1 2 3 4 5 6