| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7953 Fiches technique(PDF) 42 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7953 Fiches technique(HTML) 42 Page - Analog Devices |
|
42 / 68 page ![]() ADE7953 Data Sheet Rev. A | Page 42 of 68 The Current Channel B apparent energy no-load interrupt can be enabled by setting the VA_NOLOADB bit (Bit 8) in the IRQBENB register (Address 0x22F and Address 0x32F). When this bit is set, an apparent energy no-load event on Current Channel B triggers the IRQ alternative output (see the section). Current Channel B Interrupts Apparent Energy No-Load Status Bits In addition to the apparent energy no-load interrupt, the ADE7953 includes two unlatched status bits that continually monitor the no-load status of Current Channel A and Current Channel B. The VANLOAD_A and VANLOAD_B bits are located in the ACCMODE register (Address 0x201 and Address 0x301). These bits differ from the interrupt status bits in that they are unlatched and can, therefore, be used to drive an LED. |