Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QG80331M667 Fiches technique(PDF) 42 Page - Intel Corporation

No de pièce QG80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M667 Fiches technique(HTML) 42 Page - Intel Corporation

Back Button QG80331M667 Datasheet HTML 38Page - Intel Corporation QG80331M667 Datasheet HTML 39Page - Intel Corporation QG80331M667 Datasheet HTML 40Page - Intel Corporation QG80331M667 Datasheet HTML 41Page - Intel Corporation QG80331M667 Datasheet HTML 42Page - Intel Corporation QG80331M667 Datasheet HTML 43Page - Intel Corporation QG80331M667 Datasheet HTML 44Page - Intel Corporation QG80331M667 Datasheet HTML 45Page - Intel Corporation QG80331M667 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
42
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
Implication:
No negative impact expected. If the routine that reads the IINTVEC/FINTVEC qualifies the return
value against IINTSRC0.0/FINTSRC0.0, it will either see there is nothing to do or it will validly
call the DMA0 End-of-Transfer handler.
Workaround:
If IINTVEC/FINTVEC equals INTBASE, then re-read the IINTVEC/FINTVEC register.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67