Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QG80331M500 Fiches technique(PDF) 9 Page - Intel Corporation

No de pièce QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Fiches technique(HTML) 9 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 5Page - Intel Corporation QG80331M500 Datasheet HTML 6Page - Intel Corporation QG80331M500 Datasheet HTML 7Page - Intel Corporation QG80331M500 Datasheet HTML 8Page - Intel Corporation QG80331M500 Datasheet HTML 9Page - Intel Corporation QG80331M500 Datasheet HTML 10Page - Intel Corporation QG80331M500 Datasheet HTML 11Page - Intel Corporation QG80331M500 Datasheet HTML 12Page - Intel Corporation QG80331M500 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
Specification Update
9
Intel® 80331 I/O Processor
Summary Table of Changes
Summary Table of Changes
The following table indicates the errata, specification changes, specification clarifications, or
documentation changes which apply to the Intel® 80331 I/O Processor. Intel may fix some of the
errata in a future stepping of the component, and account for the other outstanding issues through
documentation or specification changes as noted. This table uses the following notations:
Codes Used in Summary Table
Stepping
X:
Errata exists in the stepping indicated. Specification Change or
Clarification that applies to this stepping.
(No mark)
or (Blank box):
This erratum is fixed in listed stepping or specification change does not
apply to listed stepping.
Page
(Page):
Page location of item in this document.
Status
Doc:
Document change or update will be implemented.
Plan Fix:
This erratum may be fixed in a future stepping of the product.
Fixed:
This erratum has been previously fixed.
No Fix:
There are no plans to fix this erratum.
Row
Change bar to left of table row indicates this erratum is either new or
modified from the previous version of the document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67