| Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL01GS Fiches technique(PDF) 57 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS Fiches technique(HTML) 57 Page - SPANSION |
|
57 / 104 page ![]() December 21, 2012 S29GL_128S_01GS_00_07 GL-S MirrorBit® Family 57 Data She e t 6. Software Interface Reference 6.1 Command Summary Table 6.1 Command Definitions (Sheet 1 of 3) Command Sequence (Note 1) Bus Cycles (Notes 2-5) First Second Third Fourth Fifth Sixth Seventh Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read (Note 6) 1 RA RD Reset/ASO Exit (Notes 7, 16) 1 XXX F0 Status Register Read 2 555 70 XXX RD Status Register Clear 1 555 71 Word Program 4 555 AA 2AA 55 555 A0 PA PD Write to Buffer 6 555 AA 2AA 55 SA 25 SA WC WBL PD WBL PD Program Buffer to Flash (confirm) 1 SA 29 Write-to-Buffer-Abort Reset (Note 11) 3 555 AA 2AA 55 555 F0 Chip Erase 6 555 AA 2AA 55 555 80 555 AA 2AA 55 555 10 Sector Erase 6 555 AA 2AA 55 555 80 555 AA 2AA 55 SA 30 Erase Suspend/Program Suspend Legacy Method (Note 9) 1XXX B0 Erase Suspend Enhanced Method Erase Resume/Program Resume Legacy Method (Note 10) 1XXX 30 Erase Resume Enhanced Method Program Suspend Enhanced Method 1XXX 51 Program Resume Enhanced Method 1XXX 50 Blank Check 1 (SA) 555 33 ID (Autoselect) Entry 3 555 AA 2AA 55 (SA) 555 90 CFI Enter (Note 8) 1 (SA) 55 98 ID-CFI Read 1 RA RD Reset/ASO Exit (Notes 7, 16) 1XXX F0 Secure Silicon Region Command Definitions SSR Entry 3 555 AA 2AA 55 (SA) 555 88 Read (Note 6) 1 RA RD Word Program 4 555 AA 2AA 55 555 A0 PA PD Write to Buffer 6 555 AA 2AA 55 SA 25 SA WC WBL PD WBL PD Program Buffer to Flash (confirm) 1 SA 29 Write-to-Buffer-Abort Reset (Note 11) 3 555 AA 2AA 55 555 F0 SSR Exit (Note 11) 4 555 AA 2AA 55 555 90 XX 0 Reset/ASO Exit (Notes 7, 16) 1 XXX F0 |