| Moteur de recherche de fiches techniques de composants électroniques |
|
S25FL032P Fiches technique(PDF) 21 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S25FL032P Fiches technique(HTML) 21 Page - SPANSION |
|
21 / 69 page ![]() January 29, 2013 S25FL032P_00_09 S25FL032P 21 Data Sheet Note Sector SA62 is split up into sub-sectors SS0 - SS15 (dark gray shading) Sector SA63 is split up into sub-sectors SS16 - SS31 (light gray shading) Table 8.2 S25FL032P Sector Address Table TBPARM=1 Sector Address Range Sector Address Range Sector Address Range Start Address End Address Start Address End Address Start Address End Address SS31 3FF000h 3FFFFFh SA63 3F0000h 3FFFFFh SA31 1F0000h 1FFFFFh SS30 3FE000h 3FEFFFh SA62 3E0000h 3EFFFFh SA30 1E0000h 1EFFFFh SS29 3FD000h 3FDFFFh SA61 3D0000h 3DFFFFh SA29 1D0000h 1DFFFFh SS28 3FC000h 3FCFFFh SA60 3C0000h 3CFFFFh SA28 1C0000h 1CFFFFh SS27 3FB000h 3FBFFFh SA59 3B0000h 3BFFFFh SA27 1B0000h 1BFFFFh SS26 3FA000h 3FAFFFh SA58 3A0000h 3AFFFFh SA26 1A0000h 1AFFFFh SS25 3F9000h 3F9FFFh SA57 390000h 39FFFFh SA25 190000h 19FFFFh SS24 3F8000h 3F8FFFh SA56 380000h 38FFFFh SA24 180000h 18FFFFh SS23 3F7000h 3F7FFFh SA55 370000h 37FFFFh SA23 170000h 17FFFFh SS22 3F6000h 3F6FFFh SA54 360000h 36FFFFh SA22 160000h 16FFFFh SS21 3F5000h 3F5FFFh SA53 350000h 35FFFFh SA21 150000h 15FFFFh SS20 3F4000h 3F4FFFh SA52 340000h 34FFFFh SA20 140000h 14FFFFh SS19 3F3000h 3F3FFFh SA51 330000h 33FFFFh SA19 130000h 13FFFFh SS18 3F2000h 3F2FFFh SA50 320000h 32FFFFh SA18 120000h 12FFFFh SS17 3F1000h 3F1FFFh SA49 310000h 31FFFFh SA17 110000h 11FFFFh SS16 3F0000h 3F0FFFh SA48 300000h 30FFFFh SA16 100000h 10FFFFh SS15 3EF000h 3EFFFFh SA47 2F0000h 2FFFFFh SA15 0F0000h 0FFFFFh SS14 3EE000h 3EEFFFh SA46 2E0000h 2EFFFFh SA14 0E0000h 0EFFFFh SS13 3ED000h 3EDFFFh SA45 2D0000h 2DFFFFh SA13 0D0000h 0DFFFFh SS12 3EC000h 3ECFFFh SA44 2C0000h 2CFFFFh SA12 0C0000h 0CFFFFh SS11 3EB000h 3EBFFFh SA43 2B0000h 2BFFFFh SA11 0B0000h 0BFFFFh SS10 3EA000h 3EAFFFh SA42 2A0000h 2AFFFFh SA10 0A0000h 0AFFFFh SS9 3E9000h 3E9FFFh SA41 290000h 29FFFFh SA9 090000h 09FFFFh SS8 3E8000h 3E8FFFh SA40 280000h 28FFFFh SA8 080000h 08FFFFh SS7 3E7000h 3E7FFFh SA39 270000h 27FFFFh SA7 070000h 07FFFFh SS6 3E6000h 3E6FFFh SA38 260000h 26FFFFh SA6 060000h 06FFFFh SS5 3E5000h 3E5FFFh SA37 250000h 25FFFFh SA5 050000h 05FFFFh SS4 3E4000h 3E4FFFh SA36 240000h 24FFFFh SA4 040000h 04FFFFh SS3 3E3000h 3E3FFFh SA35 230000h 23FFFFh SA3 030000h 03FFFFh SS2 3E2000h 3E2FFFh SA34 220000h 22FFFFh SA2 020000h 02FFFFh SS1 3E1000h 3E1FFFh SA33 210000h 21FFFFh SA1 010000h 01FFFFh SS0 3E0000h 3E0FFFh SA32 200000h 20FFFFh SA0 000000h 00FFFFh |