| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP73123-22S/MF Fiches technique(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73123-22S/MF Fiches technique(HTML) 25 Page - Microchip Technology |
|
25 / 28 page ![]() 2009-2013 Microchip Technology Inc. DS22191E-page 25 MCP73123/223 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, contact your local Microchip sales office . Device: MCP73123: Single Cell Lithium Iron Phosphate Battery Device MCP73123T: Single Cell Lithium Iron Phosphate Battery Device, Tape and Reel MCP73223: Dual Cell Lithium Iron Phosphate Battery Device MCP73223T: Dual Cell Lithium Iron Phosphate Battery Device, Tape and Reel Temperature Range: I= -40 C to +85C (Industrial) Package: MF = Plastic Dual Flat No Lead, 3x3 mm Body (DFN), 10-Lead PART NO. X XX Package Temperature Range Device Examples: a) MCP73123-22SI/MF: Single Cell Lithium Iron Phosphate Battery Device b) MCP73123T-22SI/MF: Tape and Reel, Single Cell Lithium Iron Phosphate Battery Device a) MCP73223-C2SI/MF: Dual Cell Lithium Iron Phosphate Battery Device a) MCP73223T-C2SI/MF: Tape and Reel, Dual Cell Lithium Iron Phosphate Battery Device Consult your local Microchip sales office for alternative device options. |