| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2562 Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2562 Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 30 page ![]() MCP2561/2 DS25167B-page 2 2013 Microchip Technology Inc. Block Diagram Note 1: There is only one receiver implemented. The receiver can operate in Low-Power or High-Speed mode. 2: Only MCP2561 has the SPLIT pin. 3: Only MCP2562 has the VIO pin. In MCP2561, the supply for the digital I/O is internally connected to VDD. VDD CANH CANL TXD RXD Driver and Slope Control Thermal Protection POR UVLO Digital I/O Supply VIO(3) VSS STBY Permanent Dominant Detect VIO VIO Mode Control VDD/2 SPLIT(2) Wake-Up Filter CANH CANL CANH CANL Receiver LP_RX(1) HS_RX |