| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP102 Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP102 Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 28 page ![]() MCP102/103/121/131 DS21906C-page 14 2004-2013 Microchip Technology Inc. 4.4 Using in PIC® Microcontroller, ICSP™ Applications (MCP121 only) Figure 4-5 shows the typical application circuit for using the MCP121 for voltage superviory function when the PIC microcontroller will be programmed via the ICSP feature. Additional information is available in TB087, “Using Voltage Supervisors with PIC® Microcontroller Systems which Implement In-Circuit Serial Program- ming™”, DS91087. FIGURE 4-5: Typical Application Circuit for PIC® Microcontroller with the ICSP™ feature. Note: It is recommended that the current into the RST pin be current limited by a 1 k resistor. VDD/VPP VDD MCLR (Reset Input) (Active-low) VSS PIC® MCU RPU 0.1µF 1k MCP121 VDD RST VSS |