| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP111 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP111 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 26 page ![]() 2004-2013 Microchip Technology Inc. DS21889E-page 13 MCP111/112 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 3-Pin SOT-23 3-Lead TO-92 XXXXXX XXXXXX XXXXXX YWWNNN Example : MCP111 290E TO^^ 547256 Part Number SOT-23 Part Number SOT-23 MCP111T-195I/TT MPNN MCP112T-195I/TT MRNN MCP111T-240ETT MQNN MCP112T-240ETT MSNN MCP111T-270E/TT MGNN MCP112T-270E/TT MANN MCP111T-290E/TT NHNN MCP112T-290E/TT MBNN MCP111T-300E/TT MJNN MCP112T-300E/TT MCNN MCP111T-315E/TT MKNN MCP112T-315E/TT MDNN MCP111T-450E/TT MLNN MCP112T-450E/TT MENN MCP111T-475E/TT MMNN MCP112T-475E/TT MFNN Example: XXNN Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 3-Pin SOT-89 Example: Part Number SOT-89 Part Number SOT-89 MCP111T-195I/MB MP MCP112T-195I/MB MR MCP111T-240EMB MQ MCP112T-240EMB MS MCP111T-270E/MB MG MCP112T-270E/MB MA MCP111T-290E/MB NH MCP112T-290E/MB MB MCP111T-300E/MB MJ MCP112T-300E/MB MC MCP111T-315E/MB MK MCP112T-315E/MB MD MCP111T-450E/MB ML MCP112T-450E/MB ME MCP111T-475E/MB MM MCP112T-475E/MB MF XXYYWW NNN |