| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP453X Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP453X Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 102 page ![]() 2008-2013 Microchip Technology Inc. DS22096B-page 21 MCP453X/455X/463X/465X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-19: 10 k Pot Mode – R W (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-20: 10 k Pot Mode – R W (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-21: 10 k Pot Mode – R W (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 1.8V). FIGURE 2-22: 10 k Rheo Mode – R W (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-23: 10 k Rheo Mode – R W (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-24: 10 k Rheo Mode – R W (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 1.8V). 20 40 60 80 100 120 0 25 50 75 100 125 150 175 200 225 250 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 500 1000 1500 2000 2500 3000 3500 4000 0 64 128 192 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW Note: Refer to Appendix B: “Characteriza- tion Data Analysis” for additional infor- mation on the characteristics of the wiper resistance (RW) with respect to device voltage and wiper setting value. 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -1 -0.5 0 0.5 1 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 25 50 75 100 125 150 175 200 225 250 Wiper Setting (decimal) -2 -1 0 1 2 3 4 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 500 1000 1500 2000 2500 3000 3500 4000 064 128 192 256 Wiper Setting (decimal) -2 8 18 28 38 48 58 68 78 88 98 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW Note: Refer to Appendix B: “Characteriza- tion Data Analysis” for additional infor- mation on the characteristics of the wiper resistance (RW) with respect to device voltage and wiper setting value. |