| Moteur de recherche de fiches techniques de composants électroniques |
|
RA7 Fiches technique(PDF) 160 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RA7 Fiches technique(HTML) 160 Page - Microchip Technology |
|
160 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 160 2010-2012 Microchip Technology Inc. 15.4 ADC Acquisition Time To ensure accurate temperature measurements, the user must wait at least 200 s after the ADC input multiplexer is connected to the temperature indicator output before the conversion is performed. In addition, the user must wait 200 s between sequential conversions of the temperature indicator output. TABLE 15-2: SUMMARY OF REGISTERS ASSOCIATED WITH THE TEMPERATURE INDICATOR Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on page FVRCON FVREN FVRRDY TSEN TSRNG — — ADFVR<1:0> 118 Legend: Shaded cells are unused by the temperature indicator module. |