| Moteur de recherche de fiches techniques de composants électroniques |
|
RA7 Fiches technique(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RA7 Fiches technique(HTML) 79 Page - Microchip Technology |
|
79 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 79 PIC16(L)F1946/47 6.0 RESETS There are multiple ways to reset this device: • Power-on Reset (POR) • Brown-out Reset (BOR) •MCLR Reset •WDT Reset • RESET instruction • Stack Overflow • Stack Underflow • Programming mode exit To allow VDD to stabilize, an optional power-up timer can be enabled to extend the Reset time after a BOR or POR event. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 6-1. FIGURE 6-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT External Reset MCLR VDD WDT Time-out Power-on Reset LFINTOSC PWRT 64 ms PWRTEN Brown-out Reset BOR RESET Instruction Stack Pointer Stack Overflow/Underflow Reset Sleep MCLRE Enable Device Reset Zero Programming Mode Exit |