Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SE33 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button SE33 Datasheet HTML 7Page - Microchip Technology SE33 Datasheet HTML 8Page - Microchip Technology SE33 Datasheet HTML 9Page - Microchip Technology SE33 Datasheet HTML 10Page - Microchip Technology SE33 Datasheet HTML 11Page - Microchip Technology SE33 Datasheet HTML 12Page - Microchip Technology SE33 Datasheet HTML 13Page - Microchip Technology SE33 Datasheet HTML 14Page - Microchip Technology SE33 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 11
PIC16(L)F1946/47
1.0
DEVICE OVERVIEW
The PIC16(L)F1946/47 are described within this data
sheet. They are available in 64-pin packages.
Figure 1-1
shows
a
block
diagram
of
the
PIC16(L)F1946/47 devices. Table 1-2 shows the pinout
descriptions.
Reference Table 1-1 for peripherals available per
device.
TABLE 1-1:
DEVICE PERIPHERAL
SUMMARY
Peripheral
ADC
●●
Capacitive Sensing (CPS) Module
●●
Data EEPROM
●●
Digital-to-Analog Converter (DAC)
●●
Fixed Voltage Reference (FVR)
●●
LCD
●●
SR Latch
●●
Capture/Compare/PWM Modules
ECCP1
●●
ECCP2
●●
ECCP3
●●
CCP4
●●
CCP5
●●
Comparators
C1
●●
C2
●●
C3
●●
EUSARTS
EUSART1
●●
EUSART2
●●
Master Synchronous Serial Ports
MSSP1
●●
MSSP2
●●
Timers
Timer0
●●
Timer1
●●
Timer2
●●
Timer4
●●
Timer6
●●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More