| Moteur de recherche de fiches techniques de composants électroniques |
|
SE33 Fiches technique(PDF) 415 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE33 Fiches technique(HTML) 415 Page - Microchip Technology |
|
415 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 415 PIC16(L)F1946/47 FIGURE 30-18: SPI SLAVE MODE TIMING (CKE = 0) FIGURE 30-19: SPI SLAVE MODE TIMING (CKE = 1) SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP77 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In bit 6 - - - -1 LSb In SP83 Note: Refer to Figure 30-5 for load conditions. SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP82 SP74 SP75, SP76 MSb bit 6 - - - - - -1 LSb SP77 MSb In bit 6 - - - -1 LSb In SP80 SP83 Note: Refer to Figure 30-5 for load conditions. |