Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SE16 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce SE16
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE16 Fiches technique(HTML) 5 Page - Microchip Technology

  SE16 Datasheet HTML 1Page - Microchip Technology SE16 Datasheet HTML 2Page - Microchip Technology SE16 Datasheet HTML 3Page - Microchip Technology SE16 Datasheet HTML 4Page - Microchip Technology SE16 Datasheet HTML 5Page - Microchip Technology SE16 Datasheet HTML 6Page - Microchip Technology SE16 Datasheet HTML 7Page - Microchip Technology SE16 Datasheet HTML 8Page - Microchip Technology SE16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 5
PIC16(L)F1946/47
Pin Diagram – 64-Pin TQFP/QFN (PIC16(L)F1946/47)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
38
37
36
35
34
33
50 49
17 18 19 20 21 22 23 24 25 26
RE1
RE0
RG0
RG1
RG2
RG3
VPP/MCLR/RG5
RG4
VSS
VDD
RF7
RF6
RF5
RF4
RF3
RF2
RB0
RB1
RB2
RB3
RB4
RB5
RB6
VSS
RA6
RA7
VDD
RB7
RC4
RC3
RC2
RC5
15
16
31
40
39
27 28 29 30
32
48
47
46
45
44
43
42
41
54 53 52 51
58 57 56 55
60 59
64 63 62 61
64-pin TQFP, QFN
Note 1: Pin location selected by APFCON register setting. Default location.
2: Pin function can be moved using the APFCON register. Alternate location.
3: QFN package orientation is the same. No leads are present on the QFN package.
PIC16(L)F1946/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More