| Moteur de recherche de fiches techniques de composants électroniques |
|
T0XCS Fiches technique(PDF) 180 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
T0XCS Fiches technique(HTML) 180 Page - Microchip Technology |
|
180 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 180 2010-2012 Microchip Technology Inc. FIGURE 18-2: COMPARATOR MODULE SIMPLIFIED BLOCK DIAGRAM Note 1: When CxON = 0, the Comparator will produce a ‘0’ at the output. 2: When CxON = 0, all multiplexer inputs are disconnected. 3: Output of comparator can be frozen during debugging. MUX Cx(3) 0 1 2 3 CxON(1) CxNCH<1:0> 2 0 1 CXPCH<1:0> CXIN1- CXIN2- CXIN3- CXIN+ MUX - + CxVN CxVP async_CxOUT Q1 D EN Q CXPOL Set CxIF 0 1 CXSYNC CXOE CXOUT DQ sync_CxOUT DAC Output FVR Buffer2 CXIN0- 2 CxSP CxHYS det Interrupt det Interrupt To Timer1 or CxINTN CxINTP 2 3 VSS TRIS bit CxON (2) (2) (from Timer1) T1CLK SR Latch to CMXCON0 (CXOUT) and CM2CON1 (MCXOUT) to PWM |