Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T0XCS Fiches technique(PDF) 373 Page - Microchip Technology

No de pièce T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Fiches technique(HTML) 373 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 369Page - Microchip Technology T0XCS Datasheet HTML 370Page - Microchip Technology T0XCS Datasheet HTML 371Page - Microchip Technology T0XCS Datasheet HTML 372Page - Microchip Technology T0XCS Datasheet HTML 373Page - Microchip Technology T0XCS Datasheet HTML 374Page - Microchip Technology T0XCS Datasheet HTML 375Page - Microchip Technology T0XCS Datasheet HTML 376Page - Microchip Technology T0XCS Datasheet HTML 377Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 373
PIC16(L)F1946/47
For additional interface recommendations, refer to your
specific device programmer manual prior to PCB
design.
It is recommended that isolation devices be used to
separate the programming pins from other circuitry.
The type of isolation is highly dependent on the specific
application and may include devices such as resistors,
diodes, or even jumpers. See Figure 28-4 for more
information.
FIGURE 28-4:
TYPICAL CONNECTION FOR ICSP™ PROGRAMMING
VDD
VPP
VSS
External
Device to be
Data
Clock
VDD
MCLR/VPP
VSS
ICSPDAT
ICSPCLK
*
*
*
To Normal Connections
* Isolation devices (as required).
Programming
Signals
Programmed
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More