Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F100VCT6 Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce STM32F100VCT6
Description  High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100VCT6 Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button STM32F100VCT6 Datasheet HTML 76Page - STMicroelectronics STM32F100VCT6 Datasheet HTML 77Page - STMicroelectronics STM32F100VCT6 Datasheet HTML 78Page - STMicroelectronics STM32F100VCT6 Datasheet HTML 79Page - STMicroelectronics STM32F100VCT6 Datasheet HTML 80Page - STMicroelectronics STM32F100VCT6 Datasheet HTML 81Page - STMicroelectronics STM32F100VCT6 Datasheet HTML 82Page - STMicroelectronics STM32F100VCT6 Datasheet HTML 83Page - STMicroelectronics STM32F100VCT6 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
Electrical characteristics
STM32F100xC, STM32F100xD, STM32F100xE
80/98
Doc ID 15081 Rev 7
Figure 32.
SPI timing diagram - master mode
1.
Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD.
HDMI consumer electronics control (CEC)
Refer to Section 5.3.13: I/O current injection characteristics for more details on the
input/output alternate function characteristics.
5.3.18
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 51 are preliminary values derived
from tests performed under the ambient temperature, fPCLK2 frequency and VDDA supply
voltage conditions summarized in Table 9.
Note:
It is recommended to perform a calibration after each power-up.
ai14136
CPHA= 0
MOSI
OUTUT
MISO
INP UT
CPHA= 0
MS BIN
M SB OUT
BI T6 IN
LSB OUT
LSB IN
CPOL=0
CPOL=1
B I T1 OUT
NSS input
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
th(MI)
High
CPHA=1
CPHA=1
CPOL=0
CPOL=1
tsu(MI)
tv(MO)
th(MO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98