Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XW2Z-S002 Fiches technique(PDF) 2 Page - Omron Electronics LLC

No de pièce XW2Z-S002
Description  Combining the controller and HMI into a single unit contributes to downsizing and standardizing control panels, while eliminating inefficiency, waste, and inconsistency on production sites.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-S002 Fiches technique(HTML) 2 Page - Omron Electronics LLC

  XW2Z-S002 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
As demands continue to grow for smaller control
panels to save space in today's production facilities,
OMRON has shown the way with a unique solution
--
the
SYSMAC
One
NSJ-series
One-package
Controller. Its compact size is an ideal fit for the
400- to 500-mm control panel widths that are
becoming increasingly common, and it completely
eliminates the space that was previously necessary
for the PLC. While helping to standardize control
panels, the NSJ Series also solves a variety of
manufacturing industry problems by raising the
levels of efficiency in design and maintenance.
Concept
Product Line and Expandability
Promoting Standardized Control Panels
Less Effort in Designing and Debugging
Less Effort in Maintenance
Applications
System Configuration
Ordering Information and Specifications
4
6
8
10
12
14
16
19
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24