Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F690IP Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Fiches technique(HTML) 17 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 13Page - Microchip Technology PIC16F690IP Datasheet HTML 14Page - Microchip Technology PIC16F690IP Datasheet HTML 15Page - Microchip Technology PIC16F690IP Datasheet HTML 16Page - Microchip Technology PIC16F690IP Datasheet HTML 17Page - Microchip Technology PIC16F690IP Datasheet HTML 18Page - Microchip Technology PIC16F690IP Datasheet HTML 19Page - Microchip Technology PIC16F690IP Datasheet HTML 20Page - Microchip Technology PIC16F690IP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 15
PIC16F631/677/685/687/689/690
RC6
RC6
ST
CMOS General purpose I/O.
RC7
RC7
ST
CMOS General purpose I/O.
VSS
VSS
Power
—
Ground reference.
VDD
VDD
Power
—
Positive supply.
TABLE 1-1:
PINOUT DESCRIPTION – PIC16F631 (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV
= High Voltage
XTAL = Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More