Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F415OG Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32F415OG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415OG Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32F415OG Datasheet HTML 50Page - STMicroelectronics STM32F415OG Datasheet HTML 51Page - STMicroelectronics STM32F415OG Datasheet HTML 52Page - STMicroelectronics STM32F415OG Datasheet HTML 53Page - STMicroelectronics STM32F415OG Datasheet HTML 54Page - STMicroelectronics STM32F415OG Datasheet HTML 55Page - STMicroelectronics STM32F415OG Datasheet HTML 56Page - STMicroelectronics STM32F415OG Datasheet HTML 57Page - STMicroelectronics STM32F415OG Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 186 page
background image
Pinouts and pin description
STM32F415xx, STM32F417xx
54/186
DocID022063 Rev 4
40 E3 66 99 F14 118
PC9
I/O FT
I2S_CKIN/ MCO2 /
TIM8_CH4/SDIO_D1 /
/I2C3_SDA / DCMI_D3 /
TIM3_CH4/ EVENTOUT
41 D1 67 100 F15 119
PA8
I/O FT
MCO1 / USART1_CK/
TIM1_CH1/ I2C3_SCL/
OTG_FS_SOF/
EVENTOUT
42 D2 68 101 E15 120
PA9
I/O FT
USART1_TX/ TIM1_CH2 /
I2C3_SMBA / DCMI_D0/
EVENTOUT
OTG_FS_VBUS
43 D3 69 102 D15 121
PA10
I/O FT
USART1_RX/ TIM1_CH3/
OTG_FS_ID/DCMI_D1/
EVENTOUT
44 C1 70 103 C15 122
PA11
I/O FT
USART1_CTS / CAN1_RX
/ TIM1_CH4 /
OTG_FS_DM/
EVENTOUT
45 C2 71 104 B15 123
PA12
I/O FT
USART1_RTS /
CAN1_TX/ TIM1_ETR/
OTG_FS_DP/
EVENTOUT
46 D4 72 105 A15 124
PA13
(JTMS-SWDIO)
I/O FT
JTMS-SWDIO/
EVENTOUT
47 B1 73 106 F13 125
VCAP_2
S
-
E7 74 107 F12 126
VSS
S
48 E6 75 108 G13 127
VDD
S
-
-
-
-
E12 128
PH13
I/O FT
TIM8_CH1N / CAN1_TX/
EVENTOUT
-
-
-
-
E13 129
PH14
I/O FT
TIM8_CH2N / DCMI_D4/
EVENTOUT
--
-
-
D13 130
PH15
I/O FT
TIM8_CH3N / DCMI_D11/
EVENTOUT
-
C3
-
-
E14 131
PI0
I/O FT
TIM5_CH4 / SPI2_NSS /
I2S2_WS / DCMI_D13/
EVENTOUT
Table 7. STM32F41x pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More