Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F415VG Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce STM32F415VG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415VG Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button STM32F415VG Datasheet HTML 52Page - STMicroelectronics STM32F415VG Datasheet HTML 53Page - STMicroelectronics STM32F415VG Datasheet HTML 54Page - STMicroelectronics STM32F415VG Datasheet HTML 55Page - STMicroelectronics STM32F415VG Datasheet HTML 56Page - STMicroelectronics STM32F415VG Datasheet HTML 57Page - STMicroelectronics STM32F415VG Datasheet HTML 58Page - STMicroelectronics STM32F415VG Datasheet HTML 59Page - STMicroelectronics STM32F415VG Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 186 page
background image
Pinouts and pin description
STM32F415xx, STM32F417xx
56/186
DocID022063 Rev 4
-
-
84 117 D11 145
PD3
I/O FT
FSMC_CLK/
USART2_CTS/
EVENTOUT
-
A4 85 118 D10 146
PD4
I/O FT
FSMC_NOE/
USART2_RTS/
EVENTOUT
-
C6 86 119 C11 147
PD5
I/O FT
FSMC_NWE/USART2_TX
/ EVENTOUT
-
-
-
120 D8 148
VSS
S
-
-
-
121 C8 149
VDD
S
-
B5 87 122 B11 150
PD6
I/O FT
FSMC_NWAIT/
USART2_RX/ EVENTOUT
-
A5 88 123 A11 151
PD7
I/O FT
USART2_CK/FSMC_NE1/
FSMC_NCE2/
EVENTOUT
-
-
-
124 C10 152
PG9
I/O FT
USART6_RX /
FSMC_NE2/FSMC_NCE3
/ EVENTOUT
-
-
-
125 B10 153
PG10
I/O FT
FSMC_NCE4_1/
FSMC_NE3/ EVENTOUT
-
-
-
126 B9
154
PG11
I/O FT
FSMC_NCE4_2 /
ETH_MII_TX_EN/
ETH _RMII_TX_EN/
EVENTOUT
-
-
-
127 B8
155
PG12
I/O FT
FSMC_NE4 /
USART6_RTS/
EVENTOUT
-
-
-
128 A8
156
PG13
I/O FT
FSMC_A24 /
USART6_CTS
/ETH_MII_TXD0/
ETH_RMII_TXD0/
EVENTOUT
-
-
-
129 A7
157
PG14
I/O FT
FSMC_A25 / USART6_TX
/ETH_MII_TXD1/
ETH_RMII_TXD1/
EVENTOUT
Table 7. STM32F41x pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More