Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER28LE Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce VIPER28LE
Description  Off-line high voltage converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LE Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button VIPER28LE Datasheet HTML 24Page - STMicroelectronics VIPER28LE Datasheet HTML 25Page - STMicroelectronics VIPER28LE Datasheet HTML 26Page - STMicroelectronics VIPER28LE Datasheet HTML 27Page - STMicroelectronics VIPER28LE Datasheet HTML 28Page - STMicroelectronics VIPER28LE Datasheet HTML 29Page - STMicroelectronics VIPER28LE Datasheet HTML 30Page - STMicroelectronics VIPER28LE Datasheet HTML 31Page - STMicroelectronics VIPER28LE Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package mechanical data
VIPER28
28/32
Doc ID 15028 Rev 5
Table 11.
SO16 narrow mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
A1
0.1
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
9.8
9.9
10
E
5.8
6
6.2
E1
3.8
3.9
4
e
1.27
h
0.25
0.5
L
0.4
1.27
k
0
8
ccc
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32