| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER16LD Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER16LD Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 25 page ![]() VIPER16 Power section Doc ID 15232 Rev 5 13/25 7 Power section The power section is implemented with an n-channel power MOSFET with a breakdown voltage of 800 V min. and a typical RDS(on) of 20 Ω. It includes a SenseFET structure to allow a virtually lossless current sensing and the thermal sensor. The gate driver of the power MOSFET is designed to supply a controlled gate current during both turn-ON and turn-OFF in order to minimize common mode EMI. During UVLO conditions, an internal pull-down circuit holds the gate low in order to ensure that the power MOSFET cannot be turned ON accidentally. 8 High voltage current generator The high voltage current generator is supplied by the DRAIN pin. At the first start up of the converter it is enabled when the voltage across the input bulk capacitor reaches the VDRAIN_START threshold, sourcing a IDDch1 current (see Table 7 on page 6); as the VDD voltage reaches the VDDon threshold, the power section starts switching and the high voltage current generator is turned OFF. The VIPer16 is powered by the energy stored in the VDD capacitor. In steady state condition, if the self biasing function is used, the high voltage current generator is activated between VDDCSon and VDDon (see Table 7 on page 6), delivering IDDch2, see Table 7 on page 6 to the VDD capacitor during the MOSFET off time (see Figure 21 on page 13). The device can also be supplied through the auxiliary winding; in this case the high voltage current source is disabled during steady-state operation, provided that VDD is above VDDCSon. At converter power-down, the VDD voltage drops and the converter activity stops as it falls below VDDoff threshold (see Table 7 on page 6). Figure 21. Power on and power off I DD V DD V DRAIN V DDon t tt t V IN V DRAIN_START t t Power-on Power-off Normal operation regulation is lost here V IN < VDRAIN_START HV startup is no more activated With internal self-supply Without internal self-supply V DDCSon V DDoff I DDch1 I DDch2 |