Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN02N-E Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VN02N-E
Description  High side smart power solid state relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02N-E Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VN02N-E Datasheet HTML 8Page - STMicroelectronics VN02N-E Datasheet HTML 9Page - STMicroelectronics VN02N-E Datasheet HTML 10Page - STMicroelectronics VN02N-E Datasheet HTML 11Page - STMicroelectronics VN02N-E Datasheet HTML 12Page - STMicroelectronics VN02N-E Datasheet HTML 13Page - STMicroelectronics VN02N-E Datasheet HTML 14Page - STMicroelectronics VN02N-E Datasheet HTML 15Page - STMicroelectronics VN02N-E Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VN02N
Package and packing information
13/16
4
Package and packing information
4.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free. The category of Second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com.
4.2
PENTAWATT mechanical data
Figure 14.
PENTAWATT package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16