Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303VB Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STM32F303VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VB Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STM32F303VB Datasheet HTML 39Page - STMicroelectronics STM32F303VB Datasheet HTML 40Page - STMicroelectronics STM32F303VB Datasheet HTML 41Page - STMicroelectronics STM32F303VB Datasheet HTML 42Page - STMicroelectronics STM32F303VB Datasheet HTML 43Page - STMicroelectronics STM32F303VB Datasheet HTML 44Page - STMicroelectronics STM32F303VB Datasheet HTML 45Page - STMicroelectronics STM32F303VB Datasheet HTML 46Page - STMicroelectronics STM32F303VB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 133 page
background image
PA12
TIM16_
CH1
TIM1_CH2N
USART1
_RTS
COMP2
_OUT
CAN_TX
TIM4_
CH2
TIM1_ETR
USB_
DP
EVENT
OUT
PA13
SWDIO
-JTMS
TIM16_
CH1N
TSC_
G4_IO3
IR_
OUT
USART3
_CTS
TIM4_
CH3
EVENT
OUT
PA14
SWCLK
-JTCK
TSC_
G4_IO4
I2C1_
SDA
TIM8_
CH2
TIM1_BKIN
USART2
_TX
EVENT
OUT
PA15
JTDI
TIM2_
CH1_
ETR
TIM8_
CH1
I2C1_
SCL
SPI1_
NSS
SPI3_NSS,
I2S3_WS
USART2
_RX
TIM1_
BKIN
EVENT
OUT
Table 12.
Alternate functions for port A (continued)
Port
&
Pin
Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF14
AF15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More