| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303CC Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303CC Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 133 page ![]() Pinouts and pin description STM32F302xx/STM32F303xx 38/133 Doc ID 023353 Rev 5 35 26 18 PB0 I/O TTa TIM3_CH3, TIM1_CH2N, TIM8_CH2N(3), TSC_G3_IO2 ADC3_IN12(3), COMP4_INP, OPAMP3_VINP(3), OPAMP2_VINP 36 27 19 PB1 I/O TTa TIM3_CH4, TIM1_CH3N, TIM8_CH3N(3), COMP4_OUT, TSC_G3_IO3 ADC3_IN1(3), OPAMP3_VOUT(3) 37 28 20 PB2 I/O TTa TSC_G3_IO4 ADC2_IN12, COMP4_INM, OPAMP3_VINM(3) 38 PE7 I/O TTa (1) TIM1_ETR ADC3_IN13(3), COMP4_INP 39 PE8 I/O TTa (1) TIM1_CH1N COMP4_INM, ADC34_IN6(3) 40 PE9 I/O TTa (1) TIM1_CH1 ADC3_IN2(3) 41 PE10 I/O TTa (1) TIM1_CH2N ADC3_IN14(3) 42 PE11 I/O TTa (1) TIM1_CH2 ADC3_IN15(3) 43 PE12 I/O TTa (1) TIM1_CH3N ADC3_IN16(3) 44 PE13 I/O TTa (1) TIM1_CH3 ADC3_IN3(3) 45 PE14 I/O TTa (1) TIM1_CH4, TIM1_BKIN2 ADC4_IN1(3) 46 PE15 I/O TTa (1) USART3_RX, TIM1_BKIN ADC4_IN2(3) 47 29 21 PB10 I/O TTa USART3_TX, TIM2_CH3, TSC_SYNC COMP5_INM(3), OPAMP4_VINM(3), OPAMP3_VINM(3) 48 30 22 PB11 I/O TTa USART3_RX, TIM2_CH4, TSC_G6_IO1 COMP6_INP, OPAMP4_VINP(3) 49 31 23 VSS_2 S Digital ground 50 32 24 VDD_2 S Digital power supply 51 33 25 PB12 I/O TTa SPI2_NSS, I2S2_WS(3), I2C2_SMBA, USART3_CK, TIM1_BKIN, TSC_G6_IO2 ADC4_IN3(3), COMP3_INM(3), OPAMP4_VOUT(3), 52 34 26 PB13 I/O TTa SPI2_SCK, I2S2_CK(3), USART3_CTS, TIM1_CH1N, TSC_G6_IO3 ADC3_IN5(3), COMP5_INP(3), OPAMP4_VINP(3), OPAMP3_VINP(3) 53 35 27 PB14 I/O TTa SPI2_MISO, I2S2ext_SD(3), USART3_RTS, TIM1_CH2N, TIM15_CH1, TSC_G6_IO4 COMP3_INP(3), ADC4_IN4(3), OPAMP2_VINP 54 36 28 PB15 I/O TTa SPI2_MOSI, I2S2_SD(3), TIM1_CH3N, TIM15_CH1N, TIM15_CH2 ADC4_IN5(3), RTC_REFIN, COMP6_INM 55 PD8 I/O TTa (1) USART3_TX ADC4_IN12(3), OPAMP4_VINM(3) 56 PD9 I/O TTa (1) USART3_RX ADC4_IN13(3) 57 PD10 I/O TTa (1) USART3_CK ADC34_IN7(3), COMP6_INM Table 11. STM32F302xx/STM32F303xx pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |