| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303CB Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303CB Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 133 page ![]() STM32F302xx/STM32F303xx Pinouts and pin description Doc ID 023353 Rev 5 39/133 58 PD11 I/O TTa (1) USART3_CTS ADC34_IN8(3), COMP6_INP, OPAMP4_VINP(3) 59 PD12 I/O TTa (1) USART3_RTS, TIM4_CH1, TSC_G8_IO1 ADC34_IN9(3), COMP5_INP(3) 60 PD13 I/O TTa (1) TIM4_CH2, TSC_G8_IO2 ADC34_IN10(3), COMP5_INM(3) 61 PD14 I/O TTa (1) TIM4_CH3, TSC_G8_IO3 COMP3_INP(3), ADC34_IN11(3), OPAMP2_VINP 62 PD15 I/O TTa (1) SPI2_NSS, TIM4_CH4, TSC_G8_IO4 COMP3_INM(3) 63 37 PC6 I/O FT (1) I2S2_MCK(3), COMP6_OUT, TIM8_CH1(3), TIM3_CH1 64 38 PC7 I/O FT (1) I2S3_MCK(3), TIM8_CH2(3), TIM3_CH2, COMP5_OUT(3) 65 39 PC8 I/O FT (1) TIM8_CH3(3), TIM3_CH3, COMP3_OUT(3) 66 40 PC9 I/O FT (1) TIM8_CH4(3), TIM8_BKIN2(3), TIM3_CH4, I2S_CKIN(3) 67 41 29 PA8 I/O FT I2C2_SMBA, I2S2_MCK(3), USART1_CK, TIM1_CH1, TIM4_ETR, MCO, COMP3_OUT(3) 68 42 30 PA9 I/O FTf I2C2_SCL, I2S3_MCK(3), USART1_TX, TIM1_CH2, TIM2_CH3, TIM15_BKIN, TSC_G4_IO1, COMP5_OUT(3) 69 43 31 PA10 I/O FTf I2C2_SDA, USART1_RX, TIM1_CH3, TIM2_CH4, TIM8_BKIN(3), TIM17_BKIN, TSC_G4_IO2, COMP6_OUT 70 44 32 PA11 I/O FT USART1_CTS, USB_DM, CAN_RX, TIM1_CH1N, TIM1_CH4, TIM1_BKIN2, TIM4_CH1, COMP1_OUT 71 45 33 PA12 I/O FT USART1_RTS, USB_DP, CAN_TX, TIM1_CH2N, TIM1_ETR, TIM4_CH2, TIM16_CH1, COMP2_OUT 72 46 34 PA13 I/O FT USART3_CTS, TIM4_CH3, TIM16_CH1N, TSC_G4_IO3, IR_OUT, SWDIO-JTMS 73 PF6 I/O FTf (1) I2C2_SCL, USART3_RTS, TIM4_CH4 Table 11. STM32F302xx/STM32F303xx pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |