Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F302VB Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce STM32F302VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302VB Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button STM32F302VB Datasheet HTML 46Page - STMicroelectronics STM32F302VB Datasheet HTML 47Page - STMicroelectronics STM32F302VB Datasheet HTML 48Page - STMicroelectronics STM32F302VB Datasheet HTML 49Page - STMicroelectronics STM32F302VB Datasheet HTML 50Page - STMicroelectronics STM32F302VB Datasheet HTML 51Page - STMicroelectronics STM32F302VB Datasheet HTML 52Page - STMicroelectronics STM32F302VB Datasheet HTML 53Page - STMicroelectronics STM32F302VB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 133 page
background image
Memory mapping
STM32F302xx/STM32F303xx
50/133
Doc ID 023353 Rev 5
5
Memory mapping
Figure 8.
STM32F30xB/C memory map
0xFFFF FFFF
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0
1
2
3
4
5
6
7
Cortex-M4F
Internal
Peripherals
Peripherals
SRAM
CODE
Option bytes
System memory
Flash memory
Flash, system memory
or SRAM, depending
on BOOT configuration
AHB2
AHB1
APB2
APB1
0x5000 0000
0x4800 1800
0x4800 0000
0x4002 43FF
0x4002 0000
0x4001 6C00
0x4001 0000
0x4000 A000
0x4000 0000
0x1FFF FFFF
0x1FFF F800
0x1FFF D800
0x0804 0000
0x0800 0000
0x0004 0000
0x0000 0000
Reserved
MS30355V1
AHB3
0x5000
07FF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x1000 2000
0x1000 0000
CCM RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More