Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZB4BVG6 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce ZB4BVG6
Description  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ZB4BVG6 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  ZB4BVG6 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB4BVG6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5
To combine with heads, see pages 36062-EN_
Ver3.0/2 to 36067-EN_Ver3.0/2
References
Control and signalling units Ø 22
0
Harmony® XB4, metal
Body/contact assemblies for printed circuit board
Body/fixing collar and accessories specifically for printed circuit board mounting (1)
Accessories required when using adaptor (socket) ZBZ 010
Description
For use with
Sold in lots of
Unit reference
Weight
kg
Body/fixing collar
Electrical block
(contact or light)
10
ZB4 BZ009
0.006
Fixing collar/pillar
Printed circuit board support
(fixing screw ZBZ 006 to be ordered
separately)
10
ZB4 BZ079
0.003
Fixing screw for
printed circuit board
Fixing collar/pillar ZB4 BZ079
10
ZBZ 006
0.011
Adapter (socket) (1)
For use with
Thickness of
printed circuit board (mm)
Sold in lots of
Unit reference
Weight
kg
Electrical block
(contact or light)
1.6 ± 0.2
10
ZBZ 010
0.008
2.2 ± 0.2
10
ZBZ 011
0.008
3.2 ± 0.2
10
ZBZ 012
0.008
Contact functions (1)
Contacts for standard applications
Description
Type of contact
Sold in lots of
Unit reference
Weight
kg
N/O
N/C
Contact blocks
Single
1
–
5
ZBE 701
0.011
–1
5
ZBE 702
0.011
Contacts for specific applications
Application
Type of contact
Sold in lots sof
Unit reference
Weight
kg
N/O
N/C
Low power switching
Single
1
–
5
ZBE 1016
0.012
–1
5
ZBE 1026
0.012
Light blocks (1)
Description
Supply voltage
V
Colour
of LED
Sold in
lots of
Unit reference
Weight
kg
Integral LED
(to combine with
heads for integral LED)
z 24
(50/60 Hz)
White
5
ZBV B17
0.004
Green
5
ZBV B37
0.004
Red
5
ZBV B47
0.004
Orange
5
ZBV B57
0.004
Blue
5
ZBV B67
0.004
(1) For details of support drilling and of printed circuit board: see page 36020-EN_Ver17.0/13
ZB4 BZ079 + ZB4 BZ009
ZB4 BZ079 + ZB4 BZ009
ZB4 BZ009
ZB4 BZ009
ZBZ 01p
ZBZ 01p
ZBE 701
ZBE 701
ZBE 702
ZBE 702
ZBV Bp7
ZBV Bp7
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com