Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NLV32T-R68J-PF Fiches technique(PDF) 2 Page - TDK Electronics

No de pièce NLV32T-R68J-PF
Description  For General Applications SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R68J-PF Fiches technique(HTML) 2 Page - TDK Electronics

  NLV32T-R68J-PF Datasheet HTML 1Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 2Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• All specifications are subject to change without notice.
(2/3)
002-03 / 20031028 / e511_nlv32.fm
Inductors
NLV Series NLV32 Type
For General Applications
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
• Test equipment
L, Q: YHP4191A IMPEDANCE ANALYZER (16092A) [L
0.1µH]
YHP4194A IMPEDANCE ANALYZER (16085A+16093B+TDK TF-1) [L
0.12µH]
SRF:HP8753C NETWORK ANALYZER
Rdc:MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
Inductance(µH)
Inductance
tolerance
Q
min.
Test frequency L,Q
(MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω)max.
Rated current
(mA)max.
Part No.
0.01
±5%
15
100
2500
0.13
450
NLV32T-010J-PF
0.012
±5%
17
100
2300
0.14
450
NLV32T-012J-PF
0.015
±5%
19
100
2100
0.16
450
NLV32T-015J-PF
0.018
±5%
21
100
1900
0.18
450
NLV32T-018J-PF
0.022
±5%
23
100
1700
0.2
450
NLV32T-022J-PF
0.027
±5%
23
100
1500
0.22
450
NLV32T-027J-PF
0.033
±5%
25
100
1400
0.24
450
NLV32T-033J-PF
0.039
±5%
25
100
1300
0.27
450
NLV32T-039J-PF
0.047
±5%
26
100
1200
0.3
450
NLV32T-047J-PF
0.056
±5%
26
100
1100
0.33
450
NLV32T-056J-PF
0.068
±5%
27
100
1000
0.36
450
NLV32T-068J-PF
0.082
±5%
27
100
900
0.4
450
NLV32T-082J-PF
0.1
±5%
28
100
700
0.44
450
NLV32T-R10J-PF
0.12
±5%
30
25.2
500
0.22
450
NLV32T-R12J-PF
0.15
±5%
30
25.2
450
0.25
450
NLV32T-R15J-PF
0.18
±5%
30
25.2
400
0.28
450
NLV32T-R18J-PF
0.22
±5%
30
25.2
350
0.32
450
NLV32T-R22J-PF
0.27
±5%
30
25.2
320
0.36
450
NLV32T-R27J-PF
0.33
±5%
30
25.2
300
0.4
450
NLV32T-R33J-PF
0.39
±5%
30
25.2
250
0.45
450
NLV32T-R39J-PF
0.47
±5%
30
25.2
220
0.5
450
NLV32T-R47J-PF
0.56
±5%
30
25.2
180
0.55
450
NLV32T-R56J-PF
0.68
±5%
30
25.2
160
0.6
450
NLV32T-R68J-PF
0.82
±5%
30
25.2
140
0.65
450
NLV32T-R82J-PF
1
±5%
30
7.96
120
0.7
400
NLV32T-1R0J-PF
1.2
±5%
30
7.96
100
0.75
390
NLV32T-1R2J-PF
1.5
±5%
30
7.96
85
0.85
370
NLV32T-1R5J-PF
1.8
±5%
30
7.96
80
0.9
350
NLV32T-1R8J-PF
2.2
±5%
30
7.96
75
1
320
NLV32T-2R2J-PF
2.7
±5%
30
7.96
70
1.1
290
NLV32T-2R7J-PF
3.3
±5%
30
7.96
60
1.2
260
NLV32T-3R3J-PF
3.9
±5%
30
7.96
55
1.3
250
NLV32T-3R9J-PF
4.7
±5%
30
7.96
50
1.5
220
NLV32T-4R7J-PF
5.6
±5%
30
7.96
45
1.6
200
NLV32T-5R6J-PF
6.8
±5%
30
7.96
40
1.8
180
NLV32T-6R8J-PF
8.2
±5%
30
7.96
35
2
170
NLV32T-8R2J-PF
10
±5%
30
2.52
30
2.1
150
NLV32T-100J-PF
12
±5%
30
2.52
20
2.5
140
NLV32T-120J-PF
3.2
±0.2
2.5
±0.2
(0.4)
Terminal
electrode
1.9
±0.1 Weight: 50mg
Inductor
Pattern
1.2
2
1.2
Dimensions in mm
470J



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com