Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

64GA106 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 17Page - Microchip Technology 64GA106 Datasheet HTML 18Page - Microchip Technology 64GA106 Datasheet HTML 19Page - Microchip Technology 64GA106 Datasheet HTML 20Page - Microchip Technology 64GA106 Datasheet HTML 21Page - Microchip Technology 64GA106 Datasheet HTML 22Page - Microchip Technology 64GA106 Datasheet HTML 23Page - Microchip Technology 64GA106 Datasheet HTML 24Page - Microchip Technology 64GA106 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 21
PIC24FJ256GA110 FAMILY
RG0
—
75
90
I/O
ST
PORTG Digital I/O.
RG1
—
74
89
I/O
ST
RG2
37
47
57
I/O
ST
RG3
36
46
56
I/O
ST
RG6
4
6
10
I/O
ST
RG7
5
7
11
I/O
ST
RG8
6
8
12
I/O
ST
RG9
8
10
14
I/O
ST
RG12
—
—
96
I/O
ST
RG13
—
—
97
I/O
ST
RG14
—
—
95
I/O
ST
RG15
—
—
1
I/O
ST
RP0
16
20
25
I/O
ST
Remappable Peripheral (input or output).
RP1
15
19
24
I/O
ST
RP2
42
54
68
I/O
ST
RP3
44
56
70
I/O
ST
RP4
43
55
69
I/O
ST
RP5
—
38
48
I/O
ST
RP6
17
21
26
I/O
ST
RP7
18
22
27
I/O
ST
RP8
21
27
32
I/O
ST
RP9
22
28
33
I/O
ST
RP10
31
39
49
I/O
ST
RP11
46
58
72
I/O
ST
RP12
45
57
71
I/O
ST
RP13
14
18
23
I/O
ST
RP14
29
35
43
I/O
ST
RP15
—
43
53
I/O
ST
RP16
33
41
51
I/O
ST
RP17
32
40
50
I/O
ST
RP18
11
15
20
I/O
ST
RP19
6
8
12
I/O
ST
RP20
53
67
82
I/O
ST
RP21
4
6
10
I/O
ST
RP22
51
63
78
I/O
ST
RP23
50
62
77
I/O
ST
RP24
49
61
76
I/O
ST
RP25
52
66
81
I/O
ST
RP26
5
7
11
I/O
ST
RP27
8
10
14
I/O
ST
RP28
12
16
21
I/O
ST
RP29
30
36
44
I/O
ST
RP30
34
42
52
I/O
ST
RP31
—
—
39
I/O
ST
TABLE 1-4:
PIC24FJ256GA110 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP, QFN
80-Pin
TQFP
100-Pin
TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More