| Moteur de recherche de fiches techniques de composants électroniques |
|
SWRU348 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWRU348 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 7 page ![]() 10. Select TX Power On the transmitter, select desired output power. 11. Select Burst Size On the transmitter, select the desired burst size, that is, the number of packets to transmit. 12. Select Packet Rate On the transmitter, select the desired packet rate. 13. Start Sending Packets The transmitter is now configured and in idle state. Sending packets is started and stopped by pressing the Select button. 14. PER Test Results On the receiver, the statistics window will show the error rate based on the number of lost or erroneous packets divided by the total number of packets that should have been received. 15. References Please visit www.ti.com and http://www.ti.com/tool/cc2538emk http://www.ti.com/tool/cc2538dk The reference design for the evaluation board can be found here: http://www.ti.com/tool/cc2538em-rd On the kit product page, you will find additional documentation, links to updated software examples and software tools like SmartRF Studio. You will also find a lot of information on the TI E2E forum at http://e2e.ti.com We hope that you will enjoy working with the CC2538 device. 16. Troubleshooting It you are experiencing problems with this test, please check the following: Nothing is shown in the display! Make sure the board is powered correctly (see steps 5 and 6 above). Please visit the kit web page and check for updated SW and documentation. Updated SW can be downloaded to the device using IAR Embedded Workbench for ARM or SmartRF Flash Programmer. SmartRF ™ Studio 1. Download and Install Before connecting SmartRF06EB to your PC, download and install SmartRF Studio from www.ti.com/smartrfstudio. 2. Launch SmartRF Studio After installing the tool, connect the EB to the PC using the USB cable and start SmartRF Studio. Select the “2.4 GHz” tab and click the refresh ("Find device") button in the lower right corner. Studio will now find the connected SmartRF06EB. Double click on the detected SmartRF06EB to launch the CC2538 device control panel. 3. Test the Radio You can now configure the radio, run performance tests, export register settings and run link tests with another CC2538 on a SmartRF06EB connected to the PC. SWRU348 |