| Moteur de recherche de fiches techniques de composants électroniques |
|
TOP256EN Fiches technique(PDF) 47 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP256EN Fiches technique(HTML) 47 Page - Power Integrations, Inc. |
|
47 / 49 page ![]() Rev. F 01/09 47 TOP252-262 www.powerint.com PI-5204-071708 17 END VIEW 0.021 (0.53) 0.019 (0.48) 0.060 (1.52) Ref. 0.019 (0.48) Ref. 0.378 (9.60) Ref. 0.048 (1.22) 0.046 (1.17) C SIDE VIEW 6× 0.113 (2.88) 0.106 (2.68) 0.081 (2.06) 0.077 (1.96) Detail A 0.084 (2.14) 0.047 (1.19) Ref. 0.290 (7.37) Ref. 0.016 (0.41) 0.011 (0.28) 0.020 M 0.51 M C 3 PI-5204-091108 Notes: 1. Dimensioning and tolerancing per ASME Y14.5M-1994. 2. Dimensions noted are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but including any mismatch between the top and bottom of the plastic body. 3. Dimensions noted are inclusive of plating thickness. 4. Does not include inter-lead flash or protrusions. 5. Controlling dimensions in inches (mm). eSIP-7F (L Package) 2 A B 1 7 BOTTOM VIEW Pin 1 I.D. 0.403 (10.24) 0.397 (10.08) 0.325 (8.25) 0.320 (8.13) 0.050 (1.27) 0.070 (1.78) Ref. Exposed pad hidden Exposed pad up 2 1 7 TOP VIEW 0.089 (2.26) 0.079 (2.01) 0.173 (4.40) 0.163 (4.15) 0.177 (4.50) Ref. 0.224 (5.69) Ref. 0.100 (2.54) 0.490 (12.45) Ref. 6× 0.033 (0.84) 0.028 (0.71) 0.010 M 0.25 M C A B 4 3 0.020 (0.50) 0.023 (0.58) 0.027 (0.70) DETAIL A Part Ordering Information • TOPSwitch Product Family • HX Series Number • Package Identifier P Plastic DIP-8C G Plastic SMD-8C M Plastic SDIP-10C Y Plastic TO-220-7C E Plastic eSIP-7C L Plastic eSIP-7F • Pin Finish N Pure Matte Tin (Pb-Free) (P, G, M, E, L and Y Packages) G Green Mold Compound (TOP256 E package only) • Tape & Reel and Other Options Blank Standard Configurations TL G Package (1000 min/mult.) TOP 258 G N - TL |